Part Number Hot Search : 
FCH10A10 S1500 PC3500 MC3405 LT1461ED ES1JE 00201 LV2105V
Product Description
Full Text Search
 

To Download DXT2013P5-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A Product Line of Diodes Incorporated
DXT2013P5
100V PNP MEDIUM POWER TRANSISTOR PowerDI(R)5
Features ADVANCE INFORMATION
* * * * * * * * 43% smaller than SOT223; 60% smaller than TO252 Maximum height just 1.1mm Rated up to 3.2W VCEO = -100V IC = -5A; ICM = -10A Low Saturation voltage Lead, Halogen and Antimony Free, RoHS Compliant (Note 1) "Green" Device (Note 2)
Mechanical Data
* * * * * Case: PowerDI 5 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Weight: 0.093 grams (approximate)
(R)
Applications
* SLIC DC-DC Converter
C
B
Top View Bottom View Device Schematic
E
Pin-out diagram
Ordering Information (Note 3)
Part Number DXT2013P5-13
Notes:
Case (R) PowerDI 5
Packaging 5000/Tape & Reel
1. No purposefully added lead. Halogen and Antimony Free. 2. Diodes Inc's "Green" Policy can be found on our website at http://www.diodes.com 3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
DXT2013
YYWWK
DXT2013 = Product Type Marking Code = Manufacturers' Code Marking K = Factory Designator YYWW = Date Code Marking YY = Last Two Digits of Year (ex: 09 for 2009) WW = Week code (01 to 53)
PowerDI is a registered trademark of Diodes Incorporated. 1 of 7 DXT2013P5
Document number: DS32010 Rev. 2 - 2
March 2010
(c) Diodes Incorporated
www.diodes.com
A Product Line of Diodes Incorporated
DXT2013P5
Maximum Ratings ADVANCE INFORMATION
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC ICM Value -140 -100 -7 -5 -10 Unit V V V A A
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Pulse Current
Thermal Characteristics
Characteristic Power Dissipation @ TA = 25C (Note 4) Thermal Resistance, Junction to Ambient Air (Note 4) @TA = 25C Power Dissipation @ TA = 25C (Note 5) Thermal Resistance, Junction to Ambient Air (Note 5) @TA = 25C Power Dissipation @ TA = 25C (Note 6) Thermal Resistance, Junction to Ambient Air (Note 6) @TA = 25C Thermal Resistance, Junction to Collector Terminal Operating and Storage Temperature Range
Notes:
Symbol PD RJA PD RJA PD RJA RJT TJ, TSTG
Value 3.2 39 1.7 75 0.74 169 5.6 -55 to +150
Unit W C/W W C/W W C/W C/W C
4. Device mounted on FR-4 PCB, single sided 2 oz. copper, collector pad dimensions 50mm x 50mm. 5. Device mounted on FR-4 PCB, single sided 1 oz. copper, collector pad dimensions 25mm x 25mm. 6. Device mounted on FR-4 PCB, single sided 1 oz. copper, minimum recommended pad layout.
PowerDI is a registered trademark of Diodes Incorporated. 2 of 7 DXT2013P5
Document number: DS32010 Rev. 2 - 2
March 2010
(c) Diodes Incorporated
www.diodes.com
A Product Line of Diodes Incorporated
DXT2013P5
3.5
ADVANCE INFORMATION
Max Power Dissipation (W)
-IC Collector Current (A)
10 VCE(sat)
Limited
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 75 100 125 150 175
See note 3 See note 4 See note 5
1
DC 1s 100ms 10ms 1ms 100s
100m
Single Pulse. Tamb=25C See note 3
10m 100m
1
10
100
-VCE Collector-Emitter Voltage (V)
Temperature (C)
Safe Operating Area
Derating Curve
Max Power Dissipation (W)
Single Pulse. Tamb=25C
Thermal Resistance (C/W)
40 30
See note 3
100
See note 3
D=0.5
20
D=0.2
10
10 0 100
D=0.1
Single Pulse D=0.05
1m
10m 100m
1
10
100
1k
1 100
1m
10m 100m
1
10
100
1k
Pulse Width (s)
Pulse Width (s)
Transient Thermal Impedance
Thermal Resistance (C/W)
180 160 140 120 100 80 60 40 20 10
2 oz. weight Copper 1 oz. weight Copper
Pulse Power Dissipation
4
T (amb)=25C
T (amb)=25C
Power Rating (W)
3
2 oz. weight Copper
2
1
1 oz. weight Copper
100
1000
10000
0 10
100
1000
10000
Copper Area (sq mm)
Copper Area (sq mm)
Thermal Resistance vs. Cu Area
Power Rating vs. Cu Area
PowerDI is a registered trademark of Diodes Incorporated. 3 of 7 DXT2013P5
Document number: DS32010 Rev. 2 - 2
March 2010
(c) Diodes Incorporated
www.diodes.com
A Product Line of Diodes Incorporated
DXT2013P5
Electrical Characteristics ADVANCE INFORMATION
@TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICER R1k IEBO VCE(sat) VBE(sat) VBE(on) Min -140 -100 -7.0 100 100 25 15 Typ -160 -115 -8.1 <1 <1 <1 -20 -70 -120 -240 -985 -920 250 200 50 30 5 125 42 42 540 Max -20 -0.5 -20 -0.5 -10 -30 -90 -150 -340 -1100 -1050 300 Unit V V V nA A nA A nA mV mV mV Test Condition IC = -100A IC = -10mA IE = -100A VCB = -100V VCB = -100V, Tamb = 100 C VCB = -100V VCB = -100V, Tamb = 100 C VEB = -6V IC = -0.1A, IB = -10mA IC = -1A, IB = -100mA IC = -2A, IB = -200mA IC = -4A, IB = -400mA IC = -4A, IB = -400mA VCE = -4V, IC = -2A IC = -10mA, VCE = -1V IC = -1A, VCE = -1V IC = -3A, VCE = -1V IC = -4A, VCE = -1V IC = -10A, VCE = -1V IC = -100mA, VCE = -10V, f = 50MHz VCB = -10V, f = 1MHz IC = -1A, VCC = -10V, IB1 = IB2 = -100mA
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage (Note 7) Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage (Note 7) Base-Emitter Saturation Voltage (Note 7) Base-Emitter Turn-On Voltage (Note 7)
DC Current Gain (Note 7)
hFE
Transition Frequency Output Capacitance Switching Times
Notes: 7. Pulse Test: Pulse width 300s. Duty cycle 2.0%.
fT Cobo ton toff
MHz pF ns ns
PowerDI is a registered trademark of Diodes Incorporated. 4 of 7 DXT2013P5
Document number: DS32010 Rev. 2 - 2
March 2010
(c) Diodes Incorporated
www.diodes.com
A Product Line of Diodes Incorporated
DXT2013P5
Typical Characteristic ADVANCE INFORMATION
1
Tamb= C 25 IC/IB= 50
0.6 0.5
IC/IB= 10
- VCE(SAT) (V)
100m
- VCE(SAT) (V)
IC/IB= 20
0.4 0.3 0.2 0.1
100 C 25 C
IC/IB= 10
10m 1m
- IC Collector Current (A)
10m
100m
1
10
0.0 1m
-55 C
VCE(SAT) v IC
- IC Collector Current (A)
10m
100m
1
10
VCE(SAT) v IC
1.4 1.2
250
100 C VCE= 2V
1.2
IC/IB = 10
Typical Gain (hFE)
200 150 100
Normalised Gain
0.8 0.6 0.4 0.2 0.0 1m
25 C
- VBE(SAT) (V)
1.0
1.0 0.8 0.6
100 C -55 C 25 C
-55 C
50 0 10
0.4 1m
10m
100m
1
- IC Collector Current (A)
- IC Collector Current (A)
10m
100m
1
10
h FE v IC
VBE(SAT) v IC
1.4
VCE= 2V
1.2
- VBE(ON) (V)
1.0
25 C
-55 C
0.8 0.6 0.4 1m 10m 100m
100 C
- IC Collector Current (A)
1
10
VBE(ON) v IC
PowerDI is a registered trademark of Diodes Incorporated. 5 of 7 DXT2013P5
Document number: DS32010 Rev. 2 - 2
March 2010
(c) Diodes Incorporated
www.diodes.com
A Product Line of Diodes Incorporated
DXT2013P5
Package Outline Dimensions ADVANCE INFORMATION
A D b2 A2 D2
L
E
E1
E2
W L1 e b1 b1 A2
PowerDI 5 Dim Min Max A 1.05 1.15 A2 0.33 0.43 b1 0.80 0.99 b2 1.70 1.88 D 3.90 4.05 D2 3.054 Typ E 6.40 6.60 e 1.84 Typ E1 5.30 5.45 E2 3.549 Typ L 0.75 0.95 L1 0.50 0.65 W 1.10 1.41 All Dimensions in mm
(R)
Suggested Pad Layout
Z C
X2
E1 X1 Y1
Dimensions Z X1 X2 Y1 Y2 C E1
Value (in mm) 6.6 1.4 3.6 0.8 4.7 3.87 0.9
Y2
PowerDI is a registered trademark of Diodes Incorporated. 6 of 7 DXT2013P5
Document number: DS32010 Rev. 2 - 2
March 2010
(c) Diodes Incorporated
www.diodes.com
A Product Line of Diodes Incorporated
DXT2013P5
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2010, Diodes Incorporated www.diodes.com
ADVANCE INFORMATION
PowerDI is a registered trademark of Diodes Incorporated. 7 of 7 DXT2013P5
Document number: DS32010 Rev. 2 - 2
March 2010
(c) Diodes Incorporated
www.diodes.com


▲Up To Search▲   

 
Price & Availability of DXT2013P5-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X